Part Number Hot Search : 
CXP50712 QTLP670C 4001B AO4448L 2N167A Z5225 AAT1271A AD7707BR
Product Description
Full Text Search
 

To Download OM7664SC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OM7662SC OM7663SC
OM7664SC
ISOLATED HERMETIC TO-258AA FIXED POSITIVE VOLTAGE REGULATORS
Three Terminal, Fixed Positive Voltage, 3.0 Amp Precision Positive Regulator In Hermetic JEDEC TO-258AA Package FEATURES
* * * * * * Isolated Hermetic Package. JEDEC TO-258AA Outline Ouput Voltages: 5V, 12V And 15V (Other Voltages Available) Output Volatges Set Internally To 2% (1% Available) Built-In Thermal Overload Protection Short Circuit Current Limiting Product Is Available Hi-Rel Screened
DESCRIPTION
These three terminal positive regulators are supplied in a hermetically sealed metal package whose outline is similar to the industry standard TO-247 plastic package. All protective features are designed into the circuit, including thermal shutdown, current limiting and safe-area control. With heat sinking, they can deliver over 3.0 amps of output current. These units feature 2% initial voltage tolerance, with 0.3% load regulation and .01% line regulation.
ABSOLUTE MAXIMUM RATINGS @ 25C
Input to Output Voltage Differential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +35V Operating Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . - 55C to + 150C Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 55C to + 150C Typical Power/Thermal Characteristics: Rated Power @ 25C TC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25W TA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3W Thermal Resistance: qJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.5C/W qJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42C/W Note: For 1% device, add letter "A" in front of part number (e.g. OMA 7662SC).
3.3
4 11 R4
3.3 - 209
OM7662SC - OM7664SC
ELECTRICAL CHARACTERISTICS: 5 VOLT OUTPUT (OM7662SC)
Parameter VOUT Test Conditions TJ = 25C, VIN = 12 V, IO = 10 mA 8.0 V VIN 35 V, 10 mA IO 3 A; P 25 W Line Regulation (Note 1) Load Regulation Thermal Regulation Ripple Rejection Miminum Load Current Limit Temperature Stability RMS Output Noise TA = 25C, 10 Hz f 10 kHz VIN = 13 V, TJ = 25C 8.0 V VIN 35 V 10 mA IO 3.0 A TA = 25C, 20 mS Pulse f = 120 Hz; VOUT = 5 V Min. 4.90 4.80 3 Typ. 5.00 5.00 .03 20 .005 65 4.5 1.0 .001 Max. 5.10 V 5.20 .06 55 .013 10 2.0 %/V mV %/W dB mA A % % Units
Note 1: Regulation is measured at a constant TJ. Changes in output due to heating must be taken into account separately. Pulse testing with low duty cycle is used.
ELECTRICAL CHARACTERISTICS: 12 VOLT OUTPUT (OM7663SC)
Parameter VOUT Test Conditions TJ = 25C, VIN = 18 V, IO = 10 mA 15 V VIN 35 V, 10 mA IO 3 A; P 25 W Line Regulation (Note 1) Load Regulation Thermal Regulation Ripple Rejection Miminum Load Current Limit Temperature Stability VIN = 20 V, TJ = 25C 15 V VIN 35 V 10 mA IO 3.0 A TA = 25C, 20 mS Pulse f = 120 Hz; VOUT = 12 V Min. 11.76 11.53 3 TA = 25C, 10 Hz f 10 kHz Typ. 12.00 12.00 .03 60 .005 65 4.5 1.0 .001 Max. 12.24 V 12.48 .06 132 .013 10 2.0 %/V mV %/W dB mA A % % Units
3.3
RMS Output Noise
Note 1: Regulation is measured at a constant TJ. Changes in output due to heating must be taken into account separately. Pulse testing with low duty cycle is used.
3.3 - 210
OM7662SC - OM7664SC
ELECTRICAL CHARACTERISTICS: 15 VOLT OUTPUT (OM7664SC)
Parameter VOUT Test Conditions TJ = 25C, VIN = 23 V, IO = 10 mA 18 V VIN 35 V, 10 mA IO 3 A; P 25 W Line Regulation (Note 1) Load Regulation Thermal Regulation Ripple Rejection Miminum Load Current Limit Temperature Stability RMS Output Noise TA = 25C, 10 Hz f 10 kHz VIN = 23 V, TJ = 25C 18 V VIN 35 V 10 mA IO 3.0 A TA = 25C, 20 mS Pulse f = 120 Hz; VOUT = 15 V 3 Min. 14.70 14.41 -Typ. 15.00 15.00 .03 75 .005 65 4.5 1.0 .001 10 2.0 Max. 15.3 V 15.60 .06 165 .013 %/V mV %/W dB mA A % % Units
Note 1: Regulation is measured at a constant TJ. Changes in output due to heating must be taken into account separately. Pulse testing with low duty cycle is used.
Current Limit
6 Output Current (A)
TJ = -55C TJ = 25C TJ = 150C
4
2
0 0 5 10 15 20 25 30 35 Input-Output Differential (V)
Dropout Voltage
Input-Output Differential (V) 3 2.5 2 1.5 1 0.5 -75 -25 25 75 125 Temperature (C)
VOUT = 100 mV IOUT = 3 A IOUT = 2 A IOUT = 20 mA
Ripple Rejection
100 Ripple Rejection (dB) 80 60 40 20 0 10
VIN - V = 8VDC +35VRMS IOUT = 1A, TJ = 25C
3.3
100 1k 10k 100k Frequency (Hz)
3.3 - 211
OM7662SC - OM7664SC
TYPICAL APPLICATIONS Fixed Output Regulator
INPUT OM7662SC OUTPUT
INPUT
Circuit For Increasing Output Voltage
OUTPUT
OM7662SC
VXX R1 0.1F
1Ft
0.1F*
1F
IQ
R2
*Increasing value of output capacitor improves system transient response. tRequired only if regulator is located an appreciable distance from power supply filter.
VO = VXX
(1+ R1) + I R2
Q
R2
High Output Current, Short Circuit Protected
INPUT R1 RSC 2N6124 OM7662SC 1F 2N4398
Adjustable Output Regulator, 7 To 30 Volts
INPUT OM7662SC OUTPUT
OUTPUT 1F
0.33F
LM741
0.1F 10K
+
MECHANICAL OUTLINE
.165 .155 .695 .685 .270 .240 .045 .035
PIN CONNECTION
.835 .815 .707 .697 .550 .530
3.3
.750 .500 .065 .055 .140 TYP.
.092 MAX. .005
.200 TYP.
1
2
3
NOTES: * Case is metal/hermetically sealed * Isolated Tab
Front View Pin 1: Ground Pin 2: Output Pin 3: Input This device is also available in a TO-257AA package. Call the factory for test conditions and limits.
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246


▲Up To Search▲   

 
Price & Availability of OM7664SC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X